PART |
Description |
Maker |
MAX3107 |
SPI/I2C UART with 128-Word FIFOs
|
Maxim Integrated Products, Inc.
|
XR20V2170IL40 XR20V2170 |
I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
|
EXAR[Exar Corporation]
|
SC16IS740 |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
|
Philips Semiconductors
|
STM8S003K3 STM8S003F3P6TR STM8S003K3T6C STM8S003K3 |
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
|
STMicroelectronics
|
CY8C28533-12AXQ |
Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 40; Analog Blocks: 10; Digital Blocks: 12; Flash: 16KB; RAM: 1KB; Temp: Q; Comm: I2C, UART, SPI; Package: 44 TQFP MULTIFUNCTION PERIPHERAL, PQFP44
|
Cypress Semiconductor, Corp.
|
MAX9257GTL_V MAX9257 MAX9257GCM_V MAX9258 MAX9258G |
Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
|
Maxim Integrated Products
|
ADT7411ARQZ-REEL7 ADT7411ARQZ10 ADT7411 ADT7411ARQ |
SPI/I2C® Compatible, 10-Bit Digital Temperature Sensor and Eight Channel ADC SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC SPI/I2C Compatible 10-Bit Digital Temperature Sensor and 8-Channel ADC
|
AD[Analog Devices] ETC[ETC]
|
MAX3110 MAX3110E MAX3110ECNI MAX3110ECWI MAX3110EE |
SPI /MICROWIRE-Compatible UART and ±15kV ESD-Protected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 15kV ESDProtected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and ±15kV ESD-Protected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 【15kV ESDProtected RS-232 Transceivers with Internal Capacitors
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
ADT7518ARQZ-REEL7 ADT7518 ADT7518ARQ ADT7518ARQ-RE |
SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
|
AD[Analog Devices]
|
P80CL580 P83CL580 P8XCL580HFT P8XCL580HFH P80CL580 |
6 V, Low voltage 8-bit microcontroller with UART, I2C-bus and ADC Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
|
PHILIPS[Philips Semiconductors]
|